Part Number Hot Search : 
MS2501 MS2501 23VL070 STK4164 L4969 1N4737AM F2048 USB22
Product Description
Full Text Search
 

To Download 2SB1567 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1567
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= -100V(Min) *High DC Current Gain: hFE= 1000(Min)@ (VCE= -2V, IC= -1A) *Complement to Type 2SD2398
APPLICATIONS *Designed for high power switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
ww w
-100
-100
scs .i
UNIT V V -8 V -2 A -3 A 2 W
.cn mi e
ICM
Collector Current-Peak Collector Power Dissipation @Ta=25
PC Collector Power Dissipation @TC=25 TJ Junction Temperature 20
150
Tstg
Storage Temperature
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SB1567
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -5mA; IB= 0
B
-100
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -50A; IE= 0
-100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A; IB= -1mA
B
-1.5
V A
ICBO
Collector Cutoff Current
VCB= -100V; IE= 0
-10
IEBO
Emitter Cutoff Current
VEB= -7V; IC= 0
-3.0
mA
hFE
DC Current Gain
IC= -1A; VCE= -2V
COB
Collector Output Capacitance
w w
scs .i w
IE= 0; VCB= -10V; f= 1MHz
.cn mi e
1000
10000
35
pF
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SB1567

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X